|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
32k/16k x8, 32k/16k x9 dual-port static ram cy7c006a/CY7C007A cy7c016a/cy7c017a cypress semiconductor corporation ? 3901 north first street ? san jose ? ca 95134 ? 408-943-2600 document #: 38-06045 rev. *b revised june 23, 2004 features ? true dual-ported memory cells which allow simultaneous access of the same memory location ? 16k x 8 organization (cy7c006a) ? 32k x 8 organization (CY7C007A) ? 16k x 9 organization (cy7c016a) ? 32k x 9 organization (cy7c017a) ? 0.35-micron cmos fo r optimum speed/power ? high-speed access: 12 [ 1 ] /15/20 ns ? low operating power ? active: i cc = 180 ma (typical) ? standby: i sb3 = 0.05 ma (typical) ? fully asynchronous operation ? automatic power-down ? expandable data bus to 16/18 bits or more using master/slave chip select when using more than one device ? on-chip arbitration logic ? semaphores included to permit software handshaking between ports ? int flags for port-to-port communication ? pin select for master or slave ? commercial temperature range ? available in 68-pin plcc (cy7c006a, CY7C007A and cy7c017a), 64-pin tqfp (cy7c006a), and in 80-pin tqfp (CY7C007A and cy7c016a) for the most recent information, visit the cypress web site at www.cypress.com notes: 1. see page 7 for load conditions. 2. i/o 0 ?i/o 7 for x8 devices; i/o 0 ?i/o 8 for x9 devices. 3. busy is an output in master mode and an input in slave mode. 4. a 0 ?a 13 for 16k; a 0 ?a 14 for 32k devices. i/o control address decode a 0l ?a 13/14l ce l oe l r/w l busy l i/o control interrupt semaphore arbitration sem l int l m/s logic block diagram a 0l ?a 13/14l true dual-ported ram array a 0r ?a 13/14r ce r oe r r/w r busy r sem r int r address decode a 0r ?a 13/14r [2] [2] [3] [3] r/w l oe l i/o 0l ?i/o 7/8l ce l r/w r oe r i/o 0r ?i/o 7/8r ce r 14/15 8/9 14/15 8/9 14/15 14/15 [4] [4] [4] [4] cy7c006a CY7C007A cy7c017a32k/16k x 8, 32k x 9 dual-port static ram
cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 2 of 20 pin configurations notes: 5. this pin is i/o for cy7c017a only. 6. a 14 is a no connect pin for 16k devices. top view 68-pin plcc v cc oe l i/o 1l i/o 0l a 12l a 11l a 10l a 9l a 8l a 7l a 6l a 13l ce l sem l r/w l i/o 2l i/o 3l i/o 4l i/o 5l i/o 6l i/o 7l v cc gnd i/o 0r i/o 1r i/o 2r i/o 3r i/o 4r i/o 5r gnd v cc a 4l a 3l a 2l a 1l a 0l gnd busy l busy r m/s a 0r a 1r a 2r a 3r a 4r int l int r gnd oe r i/o 7r a 5r a 12r a 11r a 10r a 9r a 8r a 7r a 6r a 13r ce r sem r r/w r a 5l nc(i/o 8l ) i/o6 r CY7C007A (32k x 8) 24 25 26 10 11 12 13 14 15 48 47 46 45 44 40 41 27 42 28 43 29 30 31 32 33 68 34 67 35 66 36 65 37 64 38 63 39 62 61 16 59 58 57 56 55 54 53 52 51 50 49 60 9 8 7 6 5 4 3 2 1 17 18 19 20 21 22 23 nc(i/o 8r ) [5] [5] a 14r a 14l cy7c017a (32k x 9) cy7c006a (16k x 8) [6] [6] 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 17 16 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 37 36 38 39 40 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 44 45 43 42 41 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 64 65 63 62 61 80-pin tqfp top view i/o 2l i/o 3l i/o 4l i/o 5l i/o 6l i/o 7l v cc gnd i/o 0r i/o 1r 2r i/o 3r i/o 4r 5r gnd v cc v cc oe l i/o 0l a 5l a 12l a 11l a 10l a 9l a 8l a 7l a 6l ce l sem l r/w l a 4l a 3l a 2l a 1l a 0l gnd busy l m/s a 0r a 1r a 2r a 3r a 4r int l gnd oe r i/o 6r a 12r a 11r a 10r a 9r a 8r a 7r a 6r ce r sem r r/w r CY7C007A (32k x 8) busy r int r nc a nc nc nc nc nc nc nc nc nc a 5r i/o 7r nc i/o i/o nc i/o 1l 13r a 13l a 14l a 14r nc nc cy7c016a (16k x 9) [6] [6] cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 3 of 20 pin configurations (continued) 64-pin tqfp top view 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 50 32 49 16 gnd oe r i/o 2l i/o 3l i/o 4l i/o 5l i/o 6l i/o 7l v cc gnd i/o 0r i/o 1r i/o 2r i/o 3r i/o 4r i/o 5r i/o 6r gnd v cc a 4l a 3l a 2l a 1l a 0l gnd busy l busy r m/s a 0r a 1r a 2r a 3r a 4r int l int r i/o 7r a 5r a 12r a 11r a 10r a 9r a 8r a 7r a 6r a 13r ce r sem r r/w r v cc oe l i/o 1l i/o 0l a 5l a 12l a 11l a 10l a 9l a 8l a 7l a 6l a 13l ce l sem l r/w l c006-3 cy7c006a (16k x 8) selection guide cy7c006a CY7C007A cy7c016a cy7c017a -12 [ 1 ] cy7c006a CY7C007A cy7c016a cy7c017a -15 cy7c006a CY7C007A cy7c016a cy7c017a -20 maximum access time (ns) 12 15 20 typical operating current (ma) 195 190 180 typical standby current for i sb1 (ma) (both ports ttl level) 55 50 45 typical standby current for i sb3 (ma) (both ports cmos level) 0.05 0.05 0.05 cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 4 of 20 architecture the cy7c006a, CY7C007A, cy7c016a and cy7c017a consist of an array of 32k/16k words of 8 bits and 32k words of 9 bits each of dual-port ram cells, i/o and address lines, and control signals ( ce , oe , r/ w ). these control pins permit inde - pendent access for reads or writes to any location in memory. to handle simultaneous writes/reads to the same location, a busy pin is provided on each port. two interrupt ( int ) pins can be utilized for port-to-port communication. two semaphore ( sem ) control pins are used for allocating shared resources. with the m/ s pin, the devices can function as a master ( busy pins are outputs) or as a slave ( busy pins are inputs). the devices also have an automatic pow - er-down feature controlled by ce . each port is provided with its own output enable control ( oe ), which allows data to be read from the device. functional description the cy7c006a, CY7C007A, cy7c016a, and cy7c017a are low-power cmos 32k x 8/9 and 16k x 8/9 dual-port static rams. various arbitration schemes are included on the devic - es to handle situations when multiple processors access the same piece of data. two ports are provided, permitting inde - pendent, asynchronous access for reads and writes to any location in memory. the devices can be utilized as standalone 8/9-bit dual-port static rams or multiple devices can be com - bined in order to function as a 16/18-bit or wider master/slave dual-port static ram. an m/ s pin is provided for implementing 16/18-bit or wider memory appl ications without the need for separate master and slave devices or additional discrete logic. application areas include inte rprocessor/multiprocessor de - signs, communications status buffering, and dual-port vid - eo/graphics memory. each port has independent control pins: chip enable ( ce ), read or write enable (r/ w ), and output enable ( oe ). two flags are provided on each port ( busy and int ). busy sig - nals that the port is trying to ac cess the same location currently being accessed by the other port. the interrupt flag ( int ) per - mits communication between ports or systems by means of a mail box. the semaphores are used to pass a flag, or token, from one port to the other to indicate that a shared resource is in use. the semaphore logic is comprised of eight shared latches. only one side can cont rol the latch (semaphore) at any time. control of a semaphore indicates that a shared re - source is in use. an automatic power-down feature is con - trolled independently on each port by a chip select ( ce ) pin. the cy7c006a, CY7C007A, and cy7c017a are available in 68-pin plcc packages, the cy7c006a is also available in 64-pin tqfp, and the CY7C007A and cy7c016a are also available in 80-pin tqfp packages. write operation data must be set up for a duration of t sd before the rising edge of r/ w in order to guarantee a valid write. a write operation is con - trolled by either the r/ w pin (see write cycle no. 1 waveform) or the ce pin (see write cycle no. 2 waveform). required inputs for non-contention operations are summarized in table 1 . if a location is being written to by one port and the opposite port attempts to read that loca tion, a port-to-port flowthrough delay must occur before the dat a is read on the output; other - wise the data read is not deterministic. data will be valid on the port t ddd after the data is presented on the other port. read operation when reading the device, the us er must assert both the oe and ce pins. data will be available t ace after ce or t doe after oe is asserted. if the user wishes to access a semaphore flag, then the sem pin must be asserted instead of the ce pin, and oe must also be asserted. interrupts the upper two memory locations may be used for message passing. the highest me mory location (7ff f) is the mailbox for the right port and the second-highest memory location (7ffe) is the mailbox for the left port. when one port writes to the other port?s mailbox, an interrupt is generated to the owner. pin definitions left port right port description ce l ce r chip enable r/ w l r/ w r read/write enable oe l oe r output enable a 0l ?a 14l a 0r ?a 14r address i/o 0l ?i/o 8l i/o 0r ?i/o 8r data bus input/output (i/o 0 ?i/o 7 for x8 devices and i/o 0 ?i/o 8 for x9) sem l sem r semaphore enable int l int r interrupt flag busy l busy r busy flag m/ s master or slave select v cc power gnd ground nc no connect cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 5 of 20 the interrupt is reset when the owner reads the contents of the mailbox. the message is user defined. each port can read the other port?s mailbox without resetting the interrupt. the active state of the busy signal (to a port) prevents the port from setting the interrupt to the winning port. also, an active busy to a port prevents that port from reading its own mailbox and, thus, resetting the interrupt to it. if an application does not require message passing, do not connect the interrupt pin to the processor?s interrupt request input pin. the operation of the interrupts and their interaction with busy are summarized in table 2 . busy the cy7c006a, CY7C007A, cy7c016a and cy7c017a pro - vide on-chip arbitration to resolve simultaneous memory loca - tion access (contention). if both ports? ce s are asserted and an address match occurs within t ps of each other, the busy logic will determine which port has access. if t ps is violated, one port will defi - nitely gain permission to the location, but it is not predictable which port will get that permission. busy will be asserted t bla after an ad - dress match or t blc after ce is taken low. master/slave a m/ s pin is provided in order to expand the word width by configur - ing the device as either a master or a slave. the busy output of the master is connected to the busy input of the slave. this will allow the device to interface to a master device with no external components. writing to slave devices must be delayed until after the busy input has settled (t blc or t bla ), otherwise, the slave chip may begin a write cycle during a contenti on situation. when tied high, the m/ s pin al - lows the device to be used as a master and, therefore, the busy line is an output. busy can then be used to send the arbitration outcome to a slave. semaphore operation the cy7c006a, CY7C007A, cy7c016a and cy7c017a pro - vide eight semaphore latches, which are separate from the dual-port memory locations. semaphores are used to reserve resources that are shared between the two ports. the state of the semaphore indicates that a resource is in use. for exam - ple, if the left port wants to request a given resource, it sets a latch by writing a zero to a semaphore location. the left port then verifies its success in setting the latch by reading it. after writing to the semaphore, sem or oe must be deasserted for t sop before attempting to read the semaphore. the semaphore value will be available t swrd + t doe after the rising edge of the semaphore write. if the left port was successful (reads a zero), it assumes control of the shared resource, otherwise (reads a one) it assumes the right port has control and continues to poll the semaphore. when the right side has relinquished control of the semaphore (by writing a one), the left side will succeed in gaining control of the semaphore. if the left side no longer requires the semaphore, a one is written to cancel its request. semaphores are accessed by asserting sem low. the sem pin functions as a chip select for the semaphore latches ( ce must remain high during sem low). a 0?2 represents the semaphore address. oe and r/ w are used in the same manner as a normal memory access. when writing or reading a semaphore, the other address pins have no effect. when writing to the semaphore, only i/o 0 is used. if a zero is written to the left port of an available semaphore, a one will appear at the same semaphore address on the right port. that semaphore can now only be modified by the side showing zero (the left port in this case). if the left port now relinquishes control by writing a one to the semaphore, the semaphore will be set to one for both sides. howev - er, if the right port had requested the semaphore (written a zero) while the left port had control, the right port would immediately own the semaphore as soon as the left port released it. table 3 shows sample semaphore operations. when reading a semaphore, all data lines output the sema - phore value. the read value is latched in an output register to prevent the semaphore from changing state during a write from the other port. if both ports attempt to access the sema - phore within t sps of each other, the semaphore will definitely be obtained by one side or the other, but there is no guarantee which side will control the semaphore. cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 6 of 20 maximum ratings [7] (above which the useful life may be impaired. for user guide - lines, not tested.) storage temperature .................................?65 c to +150 c ambient temperature with power applied.............................................?55 c to +125 c supply voltage to ground potential ............... ?0.3v to +7.0v dc voltage applied to outputs in high z state ............................................... ?0.5v to +7.0v dc input voltage [ 8 ] ......................................... ?0.5v to +7.0v output current into outputs (l ow)............................. 20 ma static discharge voltage........................................... >2001v latch-up current.................................................... >200 ma notes: 7. the voltage on any input or i/o pin c annot exceed the power pin during power-up. 8. pulse width < 20 ns. 9. f max = 1/t rc = all inputs cycling at f = 1/t rc (except output enable). f = 0 means no address or control lines change. this applies only to inputs at cmos level standby i sb3 . 10. tested initially and after any design or proce ss changes that may affect these parameters. operating range range ambient temperature v cc commercial 0 c to +70 c 5v 10% industrial ?40 c to +85 c 5v 10% electrical characteristics over the operating range parameter description cy7c006a CY7C007A cy7c016a cy7c017a unit -12 [ 1 ] -15 -20 min. typ. max. min. typ. max. min. typ. max. v oh output high voltage (v cc = min., i oh = ?4.0 ma) 2.4 2.4 2.4 v v ol output low voltage (v cc = min., i oh = +4.0 ma) 0.4 0.4 0.4 v v ih input high voltage 2.2 2.2 2.2 v v il input low voltage 0.8 0.8 0.8 v i oz output leakage current ?10 10 ?10 10 ?10 10 a i cc operating current (v cc = max., i out = 0 ma) outputs disabled com?l. 195 325 190 280 180 275 ma ind. 215 305 ma i sb1 standby current (both ports ttl level) ce l & ce r v ih , f = f max com?l. 55 75 50 70 45 65 ma ind. 65 95 ma i sb2 standby current (one port ttl level) ce l | ce r v ih , f = f max com?l. 125 205 120 180 110 160 ma ind. 135 205 ma i sb3 standby current (both ports cmos level) ce l & ce r v cc ? 0.2v, f = 0 com?l. 0.05 0.5 0.05 0.5 0.05 0.5 ma ind. 0.05 0.5 ma i sb4 standby current (one port cmos level) ce l | ce r v ih , f = f max [ 8 ] com?l. 115 185 110 160 100 140 ma ind. 125 175 ma capacitance table [ 10. ] parameter description test conditions max. unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = 5.0v 10 pf c out output capacitance 10 pf cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 7 of 20 ac test loads (applicable to -12 only) [ 11 ] note: 11. test conditions: c = 10 pf. ac test loads and waveforms (a) normal load (load 1) r1 = 893 ? 5 v output r2 = 347 ? c= 30 pf v th =1.4v output c= 30 pf (b) thvenin equivalent (load 1) (c) three-state delay (load 2) r1 = 893 ? r2 = 347 ? 5v output c= 5pf r th = 250 ? (used for t lz , t hz , t hzwe , & t lzwe including scope and jig) v th =1.4v output c (a) load 1 (-12 only) r = 50 ? z 0 = 50 ? 3.0v gnd 90% 90% 10% 3ns 3 ns 10% all input pulses 0.00 0.1 0 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 10 15 20 25 30 35 (b) load derating curve capacitance (pf) ? (ns) for all -12 access times cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 8 of 20 switching characteristics over the operating range [ 12 ] parameter description cy7c006a CY7C007A cy7c016a cy7c017a unit ?12 [ 1 ] ?15 ?20 min. max. min. max. min. max. read cycle t rc read cycle time 12 15 20 ns t aa address to data valid 12 15 20 ns t oha output hold from address change 3 3 3 ns t ace [ 13 ] ce low to data valid 12 15 20 ns t doe oe low to data valid 8 10 12 ns t lzoe [ 14 , 15 , 16 ] oe low to low z 3 3 3 ns t hzoe [ 14 , 15 , 16 ] oe high to high z 10 10 12 ns t lzce [ 14 , 15 , 16 ] ce low to low z 3 3 3 ns t hzce [ 14 , 15 , 16 ] ce high to high z 10 10 12 ns t pu [ 16 ] ce low to power-up 0 0 0 ns t pd [ 16 ] ce high to power-down 12 15 20 ns write cycle t wc write cycle time 12 15 20 ns t sce [ 13 ] ce low to write end 10 12 15 ns t aw address valid to write end 10 12 15 ns t ha address hold from write end 0 0 0 ns t sa [ 13 ] address set-up to write start 0 0 0 ns t pwe write pulse width 10 12 15 ns t sd data set-up to write end 10 10 15 ns t hd [ 19 ] data hold from write end 0 0 0 ns t hzwe [ 15 , 16 ] r/ w low to high z 10 10 12 ns t lzwe [ 15 , 16 ] r/ w high to low z 3 3 3 ns t wdd [ 17 ] write pulse to data delay 25 30 45 ns t ddd [ 17 ] write data valid to read data valid 20 25 30 ns busy timing [ 18 ] t bla busy low from address match 12 15 20 ns t bha busy high from address mismatch 12 15 20 ns t blc busy low from ce low 12 15 20 ns t bhc busy high from ce high 12 15 17 ns t ps port set-up for priority 5 5 5 ns notes: 12. test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5v, input pulse levels of 0 to 3.0v , and output loading of the specified i oi /i oh and 30-pf load capacitance. 13. to access ram, ce = l, sem = h. to acce ss semaphore, ce = h and sem = l. either condition must be valid for the entire t sce time. 14. at any given temperature and voltag e condition for any given device, t hzce is less than t lzce and t hzoe is less than t lzoe . 15. test conditions used are load 3. 16. this parameter is guaranteed but not tested. 17. for information on port-to-port delay through ram cells from writing port to reading port, refer to read timing with busy wa veform. 18. test conditions used are load 2. 19. for 15 ns industrial parts t hd min. is 0.5 ns. cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 9 of 20 data retention mode the cy7c006a, CY7C007A, cy7c016a, and cy7c017a are designed with battery backup in mind. data retention voltage and supply current are guaranteed over temperature. the fol - lowing rules ensure data retention: 1. chip enable ( ce ) must be held high during data retention, within v cc to v cc ? 0.2v. 2. ce must be kept between v cc ? 0.2v and 70% of v cc during the power-up and power-down transitions. 3. the ram can begin operation >t rc after v cc reaches the minimum operating voltage (4.5 volts). t wb r/ w high after busy (slave) 0 0 0 ns t wh r/ w high after busy high (slave) 11 13 15 ns t bdd [ 20 ] busy high to data valid 12 15 20 ns interrupt timing [ 18 ] t ins int set time 12 15 20 ns t inr int reset time 12 15 20 ns semaphore timing t sop sem flag update pulse ( oe or sem ) 10 10 10 ns t swrd sem flag write to read time 5 5 5 ns t sps sem flag contention window 5 5 5 ns t saa sem address access time 12 15 20 ns switching characteristics over the operating range [12] (continued) parameter description cy7c006a CY7C007A cy7c016a cy7c017a unit ?12 [1] ?15 ?20 min. max. min. max. min. max. timing parameter test conditions [ 21 ] max. unit icc dr1 @ vcc dr = 2v 1.5 ma data retention mode 4.5v 4.5v v cc > 2.0v v cc to v cc ? 0.2v v cc ce t rc v ih switching waveforms notes: 20. t bdd is a calculated parameter and is the greater of t wdd ?t pwe (actual) or t ddd ?t sd (actual). 21. ce = v cc , v in = gnd to v cc , t a = 25c. this parameter is guaranteed but not tested. 22. r/ w is high for read cycles. 23. device is continuously selected ce = v il . this waveform cannot be used for semaphore reads. 24. oe = v il . t rc t aa t oha data valid previous data valid data out address t oha read cycle no. 1 (either port address access) [22, 23, 24] cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 10 of 20 notes: 25. address valid prior to or coincident with ce transition low. 26. to access ram, ce = v il , sem = v ih . to access semaphore, ce = v ih , sem = v il . switching waveforms (continued) t ace t lzoe t doe t hzoe t hzce data valid t lzce t pu t pd i sb i cc data out oe ce current read cycle no. 2 (either port ce /oe access) [22, 25, 26] data out t rc address t aa t oha ce t lzce t abe t hzce t ace t lzce read cycle no. 3 (either port) [22, 24, 25, 26] cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 11 of 20 notes: 27. r/ w or ce must be high during all address transitions. 28. a write occurs during the overlap (t sce or t pwe ) of a low ce or sem . 29. t ha is measured from the earlier of ce or r/ w or ( sem or r/ w ) going high at the end of write cycle. 30. if oe is low during a r/ w controlled write cycle, the write pulse width must be the larger of t pwe or (t hzwe + t sd ) to allow the i/o drivers to turn off and data to be placed on the bus for the required t sd . if oe is high during an r/ w controlled write cycle, this requirem ent does not apply and th e write pulse can be as short as the specified t pwe . 31. to access ram, ce = v il , sem = v ih . 32. transition is measured 500 mv from steady state with a 5-pf load (including scope and jig). this parameter is sampled and not 100% tested. 33. during this period, the i/o pins are in the output state, and input signals must not be applied. 34. if the ce or sem low transition occurs simultaneously with or after the r/ w low transition, the outputs remain in the high-impedance state. switching waveforms (continued) t aw t wc t pwe t hd t sd t ha ce r/w oe data out data in address t hzoe t sa t hzwe t lzwe write cycle no. 1: r/w controlled timing [27 , 28 , 29 , 30] [32] [32] [30] [31] note 33 note 33 t aw t wc t sce t hd t sd t ha ce r/w data in address t sa write cycle no. 2: ce controlled timing [27, 28, 29, 34] [31] cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 12 of 20 notes: 35. ce = high for the duration of the above timing (both write and read cycle). 36. i/o 0r = i/o 0l = low (request semaphore); ce r = ce l = high. 37. semaphores are reset (available to both ports) at cycle start. 38. if t sps is violated, the semaphore will definitely be obtained by one side or the other, but which side will get the semaphore is unpr edictable. switching waveforms (continued) t sop t aa valid adress valid adress t hd data in valid data out valid t oha t aw t ha t ace t sop t sce t sd t sa t pwe t swrd t doe write cycle read cycle oe r/w i/o 0 sem a 0 ?a 2 semaphore read after write timing, either side [35] match t sps a 0l ?a 2l match r/w l sem l a 0r ?a 2r r/w r sem r timing diagram of semaphore contention [36, 37, 38] cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 13 of 20 note: 39. ce l = ce r = low. switching waveforms (continued) valid t ddd t wdd match match r/w r data in r data outl t wc address r t pwe valid t sd t hd address l t ps t bla t bha t bdd busy l timing diagram of read with busy (m/s =high) [39] t pwe r/w busy t wb t wh write timing with busy input (m/s =low) cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 14 of 20 note: 40. if t ps is violated, the busy signal will be asserted on one side or the other, but there is no guarantee to which side busy will be asserted. switching waveforms (continued) address match t ps t blc t bhc address match t ps t blc t bhc ce r valid first: address l,r busy r ce l ce r busy l ce r ce l address l,r busy timing diagram no. 1 (ce arbitration) [40] ce l valid first: address match t ps address l busy r address mismatch t rc or t wc t bla t bha address r address match address mismatch t ps address l busy l t rc or t wc t bla t bha address r right address valid first: busy timing diagram no. 2 (address arbitration) [40] left address valid first: cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 15 of 20 notes: 41. t ha depends on which enable pin ( ce l or r/ w l ) is deasserted first. 42. t ins or t inr depends on which enable pin ( ce l or r/ w l ) is asserted last. switching waveforms (continued) interrupt timing diagrams write 7fff t wc right side clears int r : t ha read 7fff t rc t inr write 7ffe t wc right side sets int l : left side sets int r : left side clears int l : read 7ffe t inr t rc address r ce l r/w l int l oe l address r r/w r ce r int l address r ce r r/w r int r oe r address l r/w l ce l int r t ins t ha t ins [41] [42] [42] [42] [41] [42] cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 16 of 20 notes: 43. if busy r = l, then no change. 44. if busy l = l, then no change. table 1. non-contending read/write inputs outputs ce r/ w oe sem i/o 0 ? i/o 8 operation h x x h high z deselected: power-down h h l l data out read data in semaphore flag x x h x high z i/o lines disabled h x l data in write into semaphore flag l h l h data out read l l x h data in write l x x l not allowed table 2. interrupt operation example (assumes busy l = busy r =high) left port right port function r/ w l ce l oe l a 0 l ?14 l int l r/ w r ce r oe r a 0r?14r int r set right int r flag l l x 7fff x x x x x l [ 44 ] reset right int r flag x x x x x x l l 7fff h [ 43 ] set left int l flag x x x x l [ 43 ] l l x 7ffe x reset left int l flag x l l 7ffe h [ 44 ] x x x x x table 3. semaphore operation example function i/o 0 ? i/o 8 left i/o 0 ? i/o 8 right status no action 1 1 semaphore free left port writes 0 to semaphore 0 1 left port has semaphore token right port writes 0 to semaphore 0 1 no change. right side has no write access to semaphore left port writes 1 to semaphore 1 0 right port obtains semaphore token left port writes 0 to semaphore 1 0 no change. left port has no write access to semaphore right port writes 1 to semaphore 0 1 left port obtains semaphore token left port writes 1 to semaphore 1 1 semaphore free right port writes 0 to semaphore 1 0 right port has semaphore token right port writes 1 to semaphore 1 1 semaphore free left port writes 0 to semaphore 0 1 left port has semaphore token left port writes 1 to semaphore 1 1 semaphore free cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 17 of 20 ordering information 16k x8 asynchronous dual-port sram speed (ns) ordering code package name package type operating range 12 [ 1 ] cy7c006a-12ac a65 64-pin thin quad flat pack commercial cy7c006a-12jc j81 68-pin plastic leaded chip carrier commercial 15 cy7c006a-15ac a65 64-pin thin quad flat pack commercial cy7c006a-15ai a65 64-pin thin quad flat pack industrial cy7c006a-15jc j81 68-pin plastic leaded chip carrier commercial cy7c006a-15ji j81 68-pin plastic leaded chip carrier industrial 20 cy7c006a-20ac a65 64-pin thin quad flat pack commercial cy7c006a-20jc j81 68-pin plastic leaded chip carrier commercial 32k x8 asynchronous dual-port sram speed (ns) ordering code package name package type operating range 12 [ 1 ] CY7C007A-12ac a80 80-pin thin quad flat pack commercial CY7C007A-12jc j81 68-pin plastic leaded chip carrier commercial 15 CY7C007A-15ac a80 80-pin thin quad flat pack commercial CY7C007A-15ai a80 80-pin thin quad flat pack industrial CY7C007A-15jc j81 68-pin plastic leaded chip carrier commercial CY7C007A-15ji j81 68-pin plastic leaded chip carrier industrial 20 CY7C007A-20ac a80 80-pin thin quad flat pack commercial CY7C007A-20jc j81 68-pin plastic leaded chip carrier commercial 16k x9 asynchronous dual-port sram speed (ns) ordering code package name package type operating range 12 [ 1 ] cy7c016a-12ac a80 80-pin plastic leaded chip carrier commercial 15 cy7c016a-15ac a80 80-pin plastic leaded chip carrier commercial cy7c016a-15ic a80 80-pin plastic leaded chip carrier industrial 20 cy7c016a-20ac a80 80-pin plastic leaded chip carrier commercial 32k x9 asynchronous dual-port sram speed (ns) ordering code package name package type operating range 12 [ 1 ] cy7c017a-12jc j81 68-pin plastic leaded chip carrier commercial 15 cy7c017a-15jc j81 68-pin plastic leaded chip carrier commercial cy7c017a-15ji j81 68-pin plastic leaded chip carrier industrial 20 cy7c017a-20jc j81 68-pin plastic leaded chip carrier commercial cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 18 of 20 package diagrams 64-lead thin plastic quad flat pack (14 x 14 x 1.4 mm) a65 51-85046-b cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 19 of 20 ? cypress semiconductor corporation, 2004. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. package diagrams (continued) 80-pin thin plastic quad flat pack a80 51-85065-b 68-lead plastic leaded chip carrier j81 51-85005-a cy7c006a/CY7C007A cy7c016a/cy7c017a document #: 38-06045 rev. *b page 20 of 20 document history page document title: cy7c006a/CY7C007A/cy7c016a/cy7c017a 32k/16k x 8, 32k/16k x 9 dual port static ram document number: 38-06045 rev. ecn no. issue date orig. of change description of change ** 110197 09/29/01 szv change from spec number: 38-00831 to 38-06045 *a 122295 12/27/02 rbi power up requirements added to maximum ratings information *b 237620 see ecn ydt r emoved cross information from features section |
Price & Availability of CY7C007A |